PART |
Description |
Maker |
C15034 |
IESNA Type II (medium) beam applicable for European P-class standard pedestrian lighting and M-class roads
|
Ledil, Inc.
|
K103K10X7RF5UH5 |
Radial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
|
Vishay Siliconix
|
BU5100JHHA XU5100JHHA CHU5100JHHA EU5100JHHA FU510 |
From old datasheet system Ceramic / Disc / Capacitor CLASS I TEMPERATURE COMPENSATION TYPE 类我温度补偿
|
List of Unclassifed Manufacturers ETC[ETC] Pan Overseas Electronic
|
LA2730 LA2500 |
Dolby B-Type Noise Reduction System Pseudo Class A Bias Circuit for Power Amp
|
Sanyo Electric
|
MFC8020A MFC8021A MFC8022A |
CLASS B AUDIO DRIVERS SILICON MONOLITHIC FUNCTIONAL CIRCUITS CLASS B要求音频驱动硅单片电路功
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
MAX97002EWP |
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
|
Maxim Integrated Products
|
UT7C139C45GCX UT7C138C45GCA UT7C138C45WCC UT7C138C |
Dual-port SRAM: SMD with busy flag. Lead finish gold. Class V. Device type 04 (4Kx9, CMOS compatible inputs, 55 ns). Total dose 3E5 rads(Si). Dual-port SRAM: SMD with busy flag. Lead finish gold. Class V. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose 3E5 rads(Si). Dual-port SRAM: SMD with busy flag. Lead finish solder. Class Q. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose 3E5 rads(Si). 4Kx9 dual-port SRAM. Lead finish gold. 55ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. Prototype flow. 4Kx9 dual-port SRAM. Lead finish gold. 45ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. Prototype flow. 4Kx8 dual-port SRAM. Lead finish optional. 55ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. 4Kx8 dual-port SRAM. Lead finish solder. 55ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. Dual-port SRAM: SMD with busy flag. Lead finish solder. Class Q. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose 3E5 rads(Si). 4Kx8/9 Radiation-Hardened Dual-Port Static RAM with Busy Flag Dual-port SRAM: SMD with busy flag. Lead finish solder. Class designator Q. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish gold. Class designator Q. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish optional. Class designator Q. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish solder. Class designator V. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish gold. Class designator V. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish optional. Class designator V. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish solder. Class designator Q. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish gold. Class designator Q. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish optional. Class designator Q. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish solder. Class designator V. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish gold. Class designator V. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish optional. Class designator V. Device type 02 (4Kx9, CMOS compatible inputs, 45 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish solder. Class designator Q. Device type 03 (4Kx8, CMOS compatible inputs, 55 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish gold. Class designator Q. Device type 03 (4Kx8, CMOS compatible inputs, 55 ns). Total dose G. Federal stock class designator: no options. Dual-port SRAM: SMD with busy flag. Lead finish optional. Class designator Q. Device type 03 (4Kx8, CMOS compatible inputs, 55 ns). Total dose G. Federal stock class designator: no options. 4Kx8 dual-port SRAM. Lead finish solder. 45ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. 4Kx8 dual-port SRAM. Lead finish gold. 45ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. Prototype flow. 4Kx8 dual-port SRAM. Lead finish gold. 55ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. Prototype flow. 4Kx9 dual-port SRAM. Lead finish solder. 45ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. 4Kx9 dual-port SRAM. Lead finish optional. 45ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. Dual-port SRAM: SMD with busy flag. Lead finish optional. Class Q. Device type 01 (4Kx8, CMOS compatible inputs, 45 ns). Total dose 3E5 rads(Si). 4Kx9 dual-port SRAM. Lead finish optional. 55ns access time. CMOS-compatible inputs, 5.5V operation. Total dose none. Dual-port SRAM: SMD with busy flag. Lead finish gold. Class V. Device type 03 (4Kx8, CMOS compatible inputs, 55 ns). Total dose 3E5 rads(Si). Dual-port SRAM: SMD with busy flag. Lead finish solder. Class V. Device type 03 (4Kx8, CMOS compatible inputs, 55 ns). Total dose 3E5 rads(Si). Dual-port SRAM: SMD with busy flag. Lead finish solder. Class V. Device type 04 (4Kx9, CMOS compatible inputs, 55 ns). Total dose 3E5 rads(Si). Dual-port SRAM: SMD with busy flag. Lead finish gold. Class Q. Device type 04 (4Kx9, CMOS compatible inputs, 55 ns). Total dose 3E5 rads(Si).
|
AEROFLEX[Aeroflex Circuit Technology]
|
MAX5986A |
IEEE 802.3af-Compliant, High-Efficiency, Class 1/Class 2, Powered Devices with Integrated DC-DC Converter
|
Maxim Integrated Products, Inc.
|
VKP |
Ceramic AC Capacitors, Class X1, 760VAC / Class Y1, 500VAC
|
Vishay
|
F1740-410-3550 F1740-410-3558 F1740-322-3550 F1740 |
Suppression Capacitors, (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V 抑制电容器,(双极)电容器级X1/Y2交流275V/250V Suppression Capacitors/ (Bi-polar) Capacitors Class X1/Y2 AC 275V/250V Class X1 - AC275V; Class Y2 - AC250V
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
2SC3963 |
TRANSISTOR SILICON NPN TRIPLE DIFFUSED TYPE (PCT PROCESS) HIGH VOLTAGE GENERAL AMPLIFIER COLOR TV CLASS B SOUND OUTPUT APPLICATIONS
|
TOSHIBA
|
2SC3621 E000867 |
NPN EPITAXIAL TYPE (COLOR TV VERT. DEFLECTION,CLASS B SOUND OUTPUT APPLICATIONS) COLOR TV VERT, DEFLECTION OUTPUT APPLICATIONS. COLOR TV CLASS B SOUND OUTPUT APPLICATIONS From old datasheet system
|
Toshiba Semiconductor
|
|